PART |
Description |
Maker |
258669 259892 258933 258932 258935 258937 258936 |
8-/4-Channel, ±12V Multirange Inputs, Serial 16-Bit ADCs 8-/4-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 标志,接 Advanced-Chemistry-Independent, Level-2 Battery Chargers with Input Current Limiting 标志,死亡的危险
|
Maxim Integrated Products, Inc. B&K Precision, Corp.
|
MAX1034 MAX1035 |
8-/4-Channel, 卤VREF Multirange Inputs, Serial 14-Bit ADCs
|
Maxim Integrated Products, Inc.
|
MAX1302 MAX1303AEUP MAX1302BEUG MAX1302AEUG MAX130 |
8-/4-CHANNEL, VREF MULTIRANGE INPUTS, SERIAL 16-BIT ADCS
|
Maxim Integrated Products
|
MAX127AEAI/GH9 |
Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
|
MAXIM - Dallas Semiconductor
|
MAX1303 |
The MAX1302/MAX1303 multirange, low-power, 16-bit, successive-approximation, analog-to-digital conve
|
Maxim Integrated Products
|
5962-8959802MZX 5962-8959812MZX 5962-8959832MZX 59 |
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs Industry-Standard High-Speed CAN Transceivers with ±80V Fault Protection 14-Bit, 4-Channel, Software-Programmable, Multiranging, Simultaneous-Sampling ADC 2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8 2.7V to 5.25V, Low-Power, 4-Channel, Serial, 10-Bit ADCs in QSOP-16 14-Bit, 95Msps, 3.3V ADC 2x4-Channel, Simultaneous-Sampling, 14-Bit DAS 1.2V to 3.6V, 0.1µA, 100Mbps, Single-/Dual-/Quad-Level Translators Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports 12-Bit Serial-Output Temperature Sensors with 5-Channel ADC 2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin µMAX Battery Manager 2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16 Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors 9V, 3 3/4 Digit DMM Circuit ±15-Bit, Low-Power ADC with Parallel Interface 8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors 420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 14-Bit, 65Msps, 3.3V ADC 8-Input Digital Multiplexer Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface ±80V Fault Protected RS-485 Half-Duplex Transceiver with Foldback Current Limit 150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs Low-Cost Precision Sensor Signal Conditioner 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges ±18-Bit ADC with Serial Interface 3 1/2 Digit ADC with Bandgap Reference 300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference Low-Power, 16-Bit Multichannel DAS with Internal Reference, 10-Bit DACs, and RTC 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs ±15kV ESD-Protected, EMC Compliant, 230kbps, 3 Tx/3 Rx RS-232 IC ±80V Fault-Protected CAN Transceiver with Autobaud x8 SRAM x8的SRAM 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges x8的SRAM Low-Power, 3 1/2 Digit ADC with Display/Hold and Direct LCD Drivers x8的SRAM 10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference x8的SRAM 1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs x8的SRAM 400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface x8的SRAM 5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers x8的SRAM 400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference x8的SRAM 2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC x8的SRAM 2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin µMAX x8的SRAM 3 1/2 Digit ADC with Reference, Charge Pump, and Direct LED Drivers x8的SRAM
|
LED驱动 KEMET Corporation NEC, Corp. Electronic Theatre Controls, Inc. Omron Electronics, LLC Weidmuller, Corp. Rohm Co., Ltd. Maxwell Technologies, Inc Maxim Integrated Products, Inc. Genesys Logic, Inc. TE Connectivity, Ltd.
|
HI4-0508A-8 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -55°C to 125°C; Package: 20-LCC 8-CHANNEL, SGL ENDED MULTIPLEXER, CQCC20
|
Intersil, Corp.
|
UPA675T UPA675T-T1 UPA675T-T2 UPA675T-A |
100 mA, 16 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING N-channel enhancement type MOS FET
|
NEC
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
|